Part Number Hot Search : 
SKY650 2SD297 LTP747Y ACS21MS AK2358E MA4BPS20 GW20N D1N60
Product Description
Full Text Search
 

To Download CSM-4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSM-4A
SMD QUARTZ CRYSTAL
The CSM-4A SMD version of the HC-49US leaded crystal. The CSM-4A has a case height of 5 mm maximum in a resistance-weld metal package. The CSM-4A is also pin out compatible with the EPSON MA-506.
FEATURES
* Cost effective * Resistance-weld sealing * Extended Temp range available * Tape & Reel (1,000 pcs)
PART NUMBERING GUIDE "EXAMPLE"
MANUFACTURER ECS - FREQUENCY (4.000 MHz) 40 - LOAD CAPACITANCE* 20 - PACKAGE TYPE 28A
* Load capacitance (xx=xx pF, S=series resonance) Package Type examples (-28A = 5.0 mm max. height, -28AL = 4.0 mm max. height) Note: See Product Selection Guide for additional options including tighter tolerances or extended temperature range.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS FREQUENCY RANGE CALIBRATION TOLERANCE FREQUENCY STABILITY ref @25C SHUNT CAPACITANCE LOAD CAPACITANCE DRIVE LEVEL OPERATING TEMPERATURE STORAGE TEMPERATURE AGING CHARACTERISTICS (Per Year) CONDITIONS @ +25C -10 ~ +70C C L (Customer Specified) DL TOPR** TSTG @ +25C 3C per year 10 -10 -30 20.0 standard MINIMUM 3.579545 TYPICAL MAXIMUM 70.000 30* 50* 7 Series 500 +70 +85 5 UNITS MHz PPM PPM pF pF W C C PPM
* Tighter specifications are available. **Extended temperature range available.
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
FREQUENCY RANGE (MHz) 3.579545 ~ 4.999 5.000 ~ 5.999 6.000 ~ 6.999 7.000 ~ 8.999 MODE OF OSC Fundamental Fundamental Fundamental Fundamental MAX ESR 200 150 100 80 FREQUENCY RANGE (MHz) 9.000 ~ 12.000 13.000 ~ 19.999 20.000 ~ 30.000 27.000 ~ 80.000 MODE OF OSC Fundamental Fundamental Fundamental 3rd O/T MAX ESR 60 40 30 100
PACKAGE DIMENSIONS (mm)
12.5 max 4 3 9.0 2.2 4.85 max 2.0 REF 4 3 3.5
1
2
Height "H" (max.) -28A 5.0 mm -28AL 4.0 mm
2.2 1 2 2.3 2.3
Figure 2) CSM-4A Internal Connections H 1.2 0.1
Figure 3) Land Pattern
1.3 0.1 (X4)
9.0 0.1 Figure 1) CSM-4A - Top, Side and End views
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 * 913-782-7787 * 800-237-1041 * FAX 913-782-6991 * WWW.ECSXTAL.COM SMD CRYSTALS 18 SMD CRYSTALS


▲Up To Search▲   

 
Price & Availability of CSM-4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X